PART |
Description |
Maker |
AT49F001 AT49F001T |
1-megabit 5-volt Only Flash Memory(1M5V闪速存储器) From old datasheet system 128K x 8 (1M bit), 5-Volt-Only, Top or Bottom Boot Parametric Block Flash
|
Atmel Corp.
|
28F200B5 E28F400B5-B60 E28F400B5-T60 TB28F400B5B80 |
5V Boot Block Flash Memory(5 V 引导块闪速存储器) 512K X 8 FLASH 5V PROM, 70 ns, PDSO48 5 VOLT BOOT BLOCK FLASH MEMORY 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corp. Intel Corporation
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
TE28F004B3B110 TE28F004B3B90 TE28F004B3T110 TE28F0 |
3 Volt Advanced Boot Block Flash Memory
|
INTEL[Intel Corporation]
|
28F160C3 28F016C3 28F032C3 28F320C3 28F800C3 TE28F |
3 VOLT ADVANCED BOOT BLOCK, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 3 VOLT ADVANCED BOOT BLOCK 8-/ 16-/ 32-MBIT FLASH MEMORY FAMILY
|
Intel
|
AM29LL800BB-150EC AM29LL800BB-150FIB AM29LL800BB-1 |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 1M X 8 FLASH 2.2V PROM, 200 ns, PDSO48 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 1M X 8 FLASH 2.2V PROM, 150 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 2.2 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).2伏的CMOS只引导扇区闪
|
Advanced Micro Devices, Inc.
|
AB28F400BX-T90 A28F400BX-B AB28F400BX-B90 |
4-MBIT 256K x16, 512K x8 BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT 256K x16/ 512K x8 BOOT BLOCK FLASH MEMORY FAMILY JT 23C 2#16 21#20 SKT RECP JT 32C 32#20 PIN RECP 4-MBIT (256K x16. 512K x8) BOOT BLOCK FLASH MEMORY FAMILY 4兆位56K x16。为512k × 8)启动块闪存系列 4-MBIT (256K x16, 512K x8) BOOT BLOCK FLASH MEMORY FAMILY
|
http:// Intel Corporation Intel Corp. Intel, Corp.
|
RD38F1010C0ZTL0 RD38F1020C0ZTL0 RD28F1602C3T110 RD |
3 VOLT INTEL Advanced BootBlock FlashMemory(C3)Stacked-ChipScalPackageFamilye
|
INTEL[Intel Corporation]
|
AM29LV160DB-70ED AM29LV160DB-70FI AM29LV160DB-70SI |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 90 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Advanced Micro Devices, Inc. NXP Semiconductors N.V. ADVANCED MICRO DEVICES INC
|
E28F004BL-T150 E28F004BL-B150 E28F400BL-T150 PA28F |
4-MBlT (256K x 16/ 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% Series 320 tactile switch with multiple color and cap options FireWire Current Limiter and Low-Drop ORing Switch Controller 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16. 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 4 MBlT56K × 16。为512k × 8)低功耗启动块闪存系列 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO40 4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY 512K X 8 FLASH 12V PROM, 150 ns, PDSO56
|
Intel Corporation Intel Corp. Rochester Electronics, LLC Intel, Corp. Sharp, Corp.
|
M28W320EB-ZB M28W320EB-ZBT M28W320EBB M28W320EBB10 |
32MBIT (2MB X 16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AT49F002A AT49F002AN AT49F002ANT AT49F002AT |
AT49F002A(N)(T) [Updated 8/03. 19 Pages] 256K x 8 (2M bit). 5-Volt-Only. Top or Bottom Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Top Boot Parametric Block Flash 256K x 8 (2M bit), 5-Volt-Only, Bottom Boot Parametric Block Flash
|
Atmel
|